Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP13067B Datasheet(PDF) 1 Page - Texas Instruments

Part # TP13067B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13067B Datasheet(HTML) 1 Page - Texas Instruments

  TP13067B Datasheet HTML 1Page - Texas Instruments TP13067B Datasheet HTML 2Page - Texas Instruments TP13067B Datasheet HTML 3Page - Texas Instruments TP13067B Datasheet HTML 4Page - Texas Instruments TP13067B Datasheet HTML 5Page - Texas Instruments TP13067B Datasheet HTML 6Page - Texas Instruments TP13067B Datasheet HTML 7Page - Texas Instruments TP13067B Datasheet HTML 8Page - Texas Instruments TP13067B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PCM Codec and Filtering
Systems Include:
– Transmit High-Pass and Low-Pass
Filtering
– Receive Low-Pass Filter With (sin x)/x
Correction
– Active RC Noise Filters
–
µ-Law or A-Law Compatible Coder and
Decoder
– Internal Precision Voltage Reference
– Serial I/O Interface
– Internal Autozero Circuitry
D µ-Law – TP13064B and TP3064B
D A-Law – TP13067B and TP3067B
D ±5-V Operation
D Low Operating Power...70 mW Typ
D Power-Down Standby Mode...3mW Typ
D Automatic Power Down
D TTL- or CMOS-Compatible Digital Interface
D Maximizes Line Interface Card Circuit
Density
D Improved Versions of National
Semiconductor TP3064, TP3067, TP3064-X,
and TP3067-X
description
The
TP3064B,
TP3067B,
TP13064B,
and
TP13067B each comprise a single-chip pulse-
code-modulation encoder and decoder (PCM
codec), and PCM line filter. They also provide
band-pass filtering of the analog signals prior to
the encoding, and low-pass filtering after the
decoding of voice signals and call-progress tones.
All the functions required to interface a full-duplex
(2-wire) voice telephone circuit with a time-divi-
sion-multiplexed (TDM) system are included
on-chip. These devices are pin-for-pin compatible
with the National Semiconductor TP3064 and
TP3067. Primary applications include:
• Line interface for digital transmission and
switching of T1 carrier, PABX (private
automated branch exchange), and central
office telephone systems
• Subscriber line concentrators
• Digital-encryption systems
• Digital voice-band data-storage systems
• Digital signal processing
These devices are designed to perform the transmit encoding (A/D conversion) and receive decoding (D/A
conversion) as well as the transmit and receive filtering functions in a PCM system, and are intended to be used
at the analog termination of a PCM line or trunk. They require a transmit master clock and a receive master clock
that may be asynchronous (1.536 MHz, 1.544 MHz, or 2.048 MHz), transmit and receive data clocks that are
synchronous with the master clock (but can vary from 64 kHz to 2.048 MHz), and transmit and receive
frame-sync pulses. The TP3064B and TP13064B contain patented circuitry to achieve low transmit channel
idle noise and are not recommended for applications in which the composite signals on the transmit side are
below – 55 dBm0.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the CMOS gates.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VPO+
ANLG GND
VPO –
VPI
VFRO
VCC
FSR
DR
BCLKR/CLKSEL
MCLKR/PDN
VBB
VFXI+
VFXI –
GSX
ANLG LOOP
TSX
FSX
DX
BCLKX
MCLKX
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - TP13067B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13067A TI-TP13067A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067ADW TI-TP13067ADW Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067AN TI-TP13067AN Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP13067B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
COMBINED SINGLE CHIP PCM CODEC AND FILTER
Dec-1993
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com