Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP13067B Datasheet(PDF) 13 Page - Texas Instruments

Part # TP13067B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13067B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TP13067B Datasheet HTML 9Page - Texas Instruments TP13067B Datasheet HTML 10Page - Texas Instruments TP13067B Datasheet HTML 11Page - Texas Instruments TP13067B Datasheet HTML 12Page - Texas Instruments TP13067B Datasheet HTML 13Page - Texas Instruments TP13067B Datasheet HTML 14Page - Texas Instruments TP13067B Datasheet HTML 15Page - Texas Instruments TP13067B Datasheet HTML 16Page - Texas Instruments TP13067B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th3
th3
tsu3
th5
tsu2
th1
td3
td3
td1
td4
td4
DR
FSR
BCLKR
DX
FSX
9
8
7
6
5
4
3
2
1
th5
fclock(B)
tsu2
th1
BCLKX
tw4
tw3
tf2
tr2
tsu1
tsu1
MCLKX
MCLKR
tw2
fclock(M)
tf1
tw1
tr1
78
6
5
4
3
2
1
1
234
56
8
7
80%
20%
80%
20%
80%
20%
80%
20%
80%
20%
80%
80%
20%
20%
80%
20%
20%
20%
80%
20%
80%
80%
20%
80%
20%
80%
20%
20%
80%
80%
80%
80%
tw3
tw4
Figure 2. Long-Frame Sync Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com