Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2460CDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2460CDBVT Datasheet HTML 2Page - Texas Instruments TLV2460CDBVT Datasheet HTML 3Page - Texas Instruments TLV2460CDBVT Datasheet HTML 4Page - Texas Instruments TLV2460CDBVT Datasheet HTML 5Page - Texas Instruments TLV2460CDBVT Datasheet HTML 6Page - Texas Instruments TLV2460CDBVT Datasheet HTML 7Page - Texas Instruments TLV2460CDBVT Datasheet HTML 8Page - Texas Instruments TLV2460CDBVT Datasheet HTML 9Page - Texas Instruments TLV2460CDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
6
WWW.TI.COM
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
− 0.2 V to VDD + 0.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (any input)
± 200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
± 175 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total input current, II (into VDD+)
175 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total output current, IO (out of GND)
175 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I and Q suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M suffix
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential voltages, are with respect to GND.
DISSIPATION RATING TABLE FOR C and I SUFFIX
PACKAGE
θJC
θJA
TA ≤ 25°C
TA < 125°C
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25 C
POWER RATING
TA < 125 C
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.6
1022 mW
204.4 mW
D (16)
25.7
114.7
1090 mW
218 mW
DBV (5)
55
324.1
385 mW
77.1 mW
DBV (6)
55
294.3
425 mW
84.9 mW
DGK
54.2
259.9
481 mW
96.2 mW
DGS
54.1
257.7
485 mW
97 mW
N (14, 16)
32
78
1600 mW
320.5 mW
P (8)
41
104
1200 mW
240.4 mW
PW (14)
29.3
173.6
720 mW
144 mW
PW (16)
28.7
161.4
774 mW
154.9 mW
NOTE: Thermal resistances are not production tested and are for informational
purposes only.
DISSIPATION RATING TABLE FOR Q and M SUFFIX
PACKAGE
TA ≤ 25°C
DERATING FACTOR
‡
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
TA = 125 C
POWER RATING
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
JG
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
U
675 mW
5.4 mW/
°C
432 mW
350 mW
135 mW
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA). Thermal resistances are not production tested and are for
informational purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com