Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2460CDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2460CDBVT
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2460CDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV2460CDBVT Datasheet HTML 1Page - Texas Instruments TLV2460CDBVT Datasheet HTML 2Page - Texas Instruments TLV2460CDBVT Datasheet HTML 3Page - Texas Instruments TLV2460CDBVT Datasheet HTML 4Page - Texas Instruments TLV2460CDBVT Datasheet HTML 5Page - Texas Instruments TLV2460CDBVT Datasheet HTML 6Page - Texas Instruments TLV2460CDBVT Datasheet HTML 7Page - Texas Instruments TLV2460CDBVT Datasheet HTML 8Page - Texas Instruments TLV2460CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
1
WWW.TI.COM
D Rail-to-Rail Output Swing
D Gain Bandwidth Product . . . 6.4 MHz
D ±80 mA Output Drive Capability
D Supply Current . . . 500 µA/channel
D Input Offset Voltage . . . 100 µV
D Input Noise Voltage ...11 nV/√Hz
D Slew Rate . . . 1.6 V/µs
D Micropower Shutdown Mode
(TLV2460/3/5) . . . 0.3
µA/Channel
D Universal Operational Amplifier EVM
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
description
The TLV246x is a family of low-power rail-to-rail input/output operational amplifiers specifically designed for
portable applications. The input common-mode voltage range extends beyond the supply rails for maximum
dynamic range in low-voltage systems. The amplifier output has rail-to-rail performance with high-output-drive
capability, solving one of the limitations of older rail-to-rail input/output operational amplifiers. This rail-to-rail
dynamic range and high output drive make the TLV246x ideal for buffering analog-to-digital converters.
The operational amplifier has 6.4 MHz of bandwidth and 1.6 V/
µs of slew rate with only 500 µA of supply current,
providing good ac performance with low power consumption. Three members of the family offer a shutdown
terminal, which places the amplifier in an ultralow supply current mode (IDD = 0.3 µA/ch). While in shutdown,
the operational-amplifier output is placed in a high-impedance state. DC applications are also well served with
an input noise voltage of 11 nV/
√Hz and input offset voltage of 100 µV.
This family is available in the low-profile SOT23, MSOP, and TSSOP packages. The TLV2460 is the first
rail-to-rail input/output operational amplifier with shutdown available in the 6-pin SOT23, making it perfect for
high-density circuits. The family is specified over an expanded temperature range (TA = −40°C to 125°C) for
use
in
industrial
control
and
automotive
systems,
and
over
the
military
temperature
range
(TA = −55°C to 125°C) for use in military systems.
SELECTION GUIDE
DEVICE
VDD
[V]
VIO
[
µV]
IDD/ch
[
µA]
IIB
[pA]
GBW
[MHz]
SLEW RATE
[V/
µs]
Vn, 1 kHz
[nV/
√Hz]
IO
[mA]
SHUTDOWN
RAIL-RAIL
TLV246x(A)
2.7−6
150
550
1300
6.4
1.6
11
25
Y
I/O
TLV277x(A)
2.5−5.5
360
1000
2
5.1
10.5
17
6
Y
O
TLV247x(A)
2.7−6
250
600
2.5
2.8
1.5
15
20
Y
I/O
TLV245x(A)
2.7−6
20
23
500
0.22
0.11
52
10
Y
I/O
TLV225x(A)
2.7−8
200
35
1
0.2
0.12
19
3
—
—
TLV226x(A)
2.7−8
300
200
1
0.71
0.55
12
3
—
—
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1998−2004, Texas Instruments Incorporated
3
2
4
6
(TOP VIEW)
1
OUT
GND
IN+
VDD+
IN −
TLV2460
DBV PACKAGE
5
SHDN
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2460CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460CDBVT TI-TLV2460CDBVT Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460CDBVT TI1-TLV2460CDBVT Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460CDBVTG4 TI-TLV2460CDBVTG4 Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460CDBVTG4 TI1-TLV2460CDBVTG4 Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2460CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460A TI-TLV2460A Datasheet
1Mb / 56P
FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIOANAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-EP TI1-TLV2460A-EP Datasheet
1Mb / 33P
FAMILY OF LOW-POWER RAIL-TO-TAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com