Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P3807A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM2P3807A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
3 of 18
Notice: The information in this document is subject to change without notice.
Capacitance (T
A = +25°C, f = 1.0MHz)
Symbol
Parameter
1
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN= 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
Note:1. This parameter is measured at characterization but not tested.
Power Supply Characteristics
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
∆ICC
Quiescent Power Supply
Current TTL Inputs HIGH
VCC= Max.
VIN = VCC –0.6V
3
10
30
µA
ICCD
Dynamic Power Supply
Current
4
VCC= Max.
Input toggling
50% Duty Cycle
Outputs Open
VIN = VCC
VIN = GND
0.31
0.45
mA/
MHz
IC
Total Power Supply Current
6
VCC= Max.
Input toggling
50% Duty Cycle
Outputs Open
fi = 50MHz
VIN = VCC
VIN = GND
15.5
22.8
5
mA
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (VIN = VCC -0.6V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Input Frequency
All currents are in milliamps and all frequencies are in megahertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com