Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P3807A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
6 of 18
Notice: The information in this document is subject to change without notice.
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
4
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output skew: skew between outputs of
same package (same transition)
0.45
nS
tSK(P)
Pulse
skew:
skew
between
opposite
transitions of same output (|tPHL – tPLH|)
0.45
nS
tSK(T)
Package skew: skew between outputs of
different packages at same power supply
voltage, temperature, package type and
speed grade
CL= 30pF
f≤ 67MHz
(See figure 3)
0.75
nS
NOTES:1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delays
limits do not imply skew.
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
4.3
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output skew: skew between outputs of
same package (same transition)
0.35
nS
tSK(P)
Pulse skew: skew between opposite
transitions of same output (|tPHL – tPLH|)
0.35
nS
tSK(T)
Package skew: skew between outputs of
different packages at same power supply
voltage, temperature, package type and
speed grade
CL= 50pF
f≤ 40MHz
(See figure 4)
0.75
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com