Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P623S00B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P623S00B
Description  Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S00B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P623S00B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
May 2008
ASM3P623S00B/E
rev 0.5
Timing-Safe™ Peak EMI Reduction IC
3 of 15
Notice: The information in this document is subject to change without notice.
Pin Configuration for ASM3P623S00B
Pin Description for ASM3P623S00B
Pin #
Pin Name
Type
Description
1
CLKIN
1
I
External reference Clock input , 5V tolerant input
2
NC
No Connect
3
SS%
3
I
Spread Spectrum Selection. Has an internal pull up resistor
4
GND
P
Ground
5
SSON
3
I
Spread Spectrum enable and disable option When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum. Has an internal
pull up resistor
6
CLKOUT
2
O
Buffered clock output
4
7
VDD
P
3.3V supply
8
NC
No Connect
CLKIN
NC
1
2
3
4
5
6
7
8
ASM3P623S00B
GND
SSON
VDD
NC
SS%
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com