Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2111B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2111B
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2111B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2111B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Peak Reducing EMI Solution
3 of 8
February 2007
ASM3P2111B
rev 0.2
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Symbol
Parameter
Condition / Description
Min
Typ
Max
Unit
VDD
Supply Voltage
3.3V ± 0.3V
3
3.3
3.6
V
FXIN
Crystal Resonator Frequency
25
-
-
MHz
CL
Output Driver Load Capacitance
-
-
15
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com