Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2111B Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM3P2111B
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2111B Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM3P2111B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2111B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Peak Reducing EMI Solution
5 of 8
February 2007
ASM3P2111B
rev 0.2
Notice: The information in this document is subject to change without notice.
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25Ω
R1 = 510Ω
C1 =18 pF
C2 = 18 pF
Crystal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com