Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2182A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2182A
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2182A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2182A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
August 2007
ASM3P2182A
rev 1.5
LCD Panel EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Deviation Selection table
Spreading Range (± %)
S1
S0
25
MHz
40
MHz
65
MHz
81*
MHz
81**
MHz
108
MHz
120
MHz
162
MHz
200
MHz
0
0
0.28
0.19
0.15
0.12
0.18
0.15
0.1
0.1
0.06
0
1
0.8
0.3
0.3
0.2
0.5
0.3
0.19
0.3
0.1
1
0
1.2
0.54
0.45
0.4
0.8
0.6
0.36
1.0
0.6
1
1
2.1
1.0
1.1
0.9
1.4
1.1
0.75
1.9
1.2
*Frequency Range- 50MHz to 103MHz
** Frequency Range- 75MHz to 150MHz
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
-0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
TSTG
Storage temperature
-55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
2.7
3.3
3.7
V
TA
Operating Temperature (Ambient Temperature)
0
+70
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com