Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2182A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2182A
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2182A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2182A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2007
ASM3P2182A
rev 1.5
LCD Panel EMI Reduction IC
1 of 8
Notice: The information in this document is subject to change without notice.
LCD Panel EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Provides up to 15dB EMI reduction.
•
Generates a 1X low EMI spread spectrum clock of
the input frequency.
•
Input frequency range: 25MHz to 210MHz.
•
Internal loop filter minimizes external components
and board space.
•
Center spread.
•
4 spread frequency deviation selections: ± 0.13% to
± 1.24%.
•
Low inherent Cycle-to-cycle jitter.
•
3.3V Operating Voltage.
•
TTL or CMOS compatible inputs and outputs.
•
Low power CMOS design.
•
Supports notebook VGA and other LCD timing
controller applications.
•
Products are available for Industrial temperature
range.
•
Available in 8-pin SOIC and TSSOP Packages.
Product Description
The ASM3P2182A is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of input clock frequencies from 25MHz to 210MHz.
(Refer Input Frequency and Modulation Rate Table). The
ASM3P2182A can generate an EMI reduced clock from
an OSC or
a system generated clock. The
ASM3P2182A offers a Center Spread clock and with a
percentage deviation from ± 0.13% or ± 1.24%.
The ASM3P2182A reduces electromagnetic interference
(EMI) at the clock source, allowing system wide
reduction of EMI of
down stream clock and data
dependent signals. The ASM3P2182A allows significant
system cost savings by reducing the number of circuit
board layers ferrite beads, shielding and other passive
components that are traditionally required to pass EMI
regulations.
The ASM3P2182A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2182A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized
clock, and more importantly, decreases the peak
amplitudes of its harmonics. This results in significantly
lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency
generators. Lowering EMI by increasing a signal’s
bandwidth is called ‘spread spectrum clock generation’.
Applications
The ASM3P2182A is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral
devices,
consumer
electronics,
and
embedded controller systems.
VSS
CLKIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
S0
FS0
FS1


Similar Part No. - ASM3P2182A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
ASM3P2182A ONSEMI-ASM3P2182A Datasheet
133Kb / 6P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
ASM3P2182A ONSEMI-ASM3P2182A Datasheet
124Kb / 6P
LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P2182A.08SR ONSEMI-ASM3P2182A.08SR Datasheet
124Kb / 6P
LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P2182A.08ST ONSEMI-ASM3P2182A.08ST Datasheet
124Kb / 6P
LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results

Similar Description - ASM3P2182A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A_1 Datasheet
349Kb / 9P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com