Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2854B Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM3P2854B
Description  Custom Clock Generator for Fax System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2854B Datasheet(HTML) 6 Page - PulseCore Semiconductor

  ASM3P2854B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
March 2007
ASM3P2854B
rev 0.2
Custom Clock Generator for Fax System
6 of 8
Notice: The information in this document is subject to change without notice.
Package Information
16-lead Thin Shrunk Small Outline Package (4.40-MM Body)
E
H
D
A
A1
B
e
θ
L
C
A2
PIN 1 ID
1
8
9
16
Seating Plane
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.041
0.80
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
0.201
4.90
5.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.030
0.50
0.75
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com