Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2854B Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2854B
Description  Custom Clock Generator for Fax System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2854B Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2854B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
ASM3P2854B
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Custom Clock Generator for Fax System
Features
•
Generates Custom Clocks for FAX system from
an inexpensive 24MHz Crystal
•
2x 66.66MHz low EMI (Spread Spectrum) clocks
for ASIC1 (System / DDR SDRAM)
•
1x 48MHz for USB1.1 HOST
•
2x 33.33MHz low EMI (Spread Spectrum) clocks
for System / DDR SDRAM of ASIC2 and ASIC3
•
1x 25MHz low EMI (Spread Spectrum) clock for
LCD, Serial port, and buzzer of ASIC1
•
1x 12MHz for USB PHY (USB2.0)
•
1x Programmable clock for printer engine control
•
One of the four programmable clock outputs
selection through two Select Pins
•
Supply Voltage 3.3V +/- 0.3V
•
Available in 16L TSSOP, Green package
•
Commercial Temperature operation
Product Description
ASM3P2854B is a part of the two chip custom clock
generator solution for NEC FAX system. Together with
ASM3P2855A, ASM3P2854B realizes all the seventeen
clocks required by the various components and
subsystems of the FAX system. It uses an inexpensive
24MHz crystal as the input to generate two 66.66MHz low
EMI (spread spectrum) clocks used by ASIC1 for system
/ DDR SDRAM, two 33.33MHz low EMI (spread
spectrum) clocks used by ASIC2 and ASIC3 for system /
DDR SDRAM, a 25MHz low EMI (Spread Spectrum)
clock used by ASIC1 for LCD, Serial port, and buzzer, a
48MHz clock used by USB1.1 HOST, and a 12MHz clock
used by USB PHY (USB2.0). One of the four
Programmable
clock
(PCLK)
frequencies
of
24.00448MHz,
21.33732MHz,
21.19962MHz
and
20.40464MHz used for Printer Engine control is
selectable through
two Select pins S1 and S2. The
accuracy of the synthesized programmable clocks is
within +/- 18ppm. The custom clock generator works with
a Supply Voltage for 3.3V. The device is available in a
16L TSSOP Green package, in commercial temperature
range. The output Clocks have an accuracy of ±50ppm.
Block Diagram
2
2
PCLK
48MHz
PLL
Crystal
(24 MHz)
XIN / CLKIN
XOUT
66.6MHz SSCLK
PLL
PLL
33.3MHz SSCLK
25MHz SSCLK
12MHz
S1
S2
VDD
VDD_FOUT
GND
GND_FOUT


Similar Part No. - ASM3P2854B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854BG-16TR PULSECORE-ASM3P2854BG-16TR Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854BG-16TT PULSECORE-ASM3P2854BG-16TT Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
More results

Similar Description - ASM3P2854B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
Custom Clock generator for LCD Projector
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
Custom Clock Generator for Display Systems
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com