Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2853AF-08SR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I2853AF-08SR
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2853AF-08SR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I2853AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Peak EMI Reducing Solution
3 of 8
November 2006
ASM3P2853A
rev 1.3
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Symbol
Condition / Description
Min
Typ
Max
Unit
Supply Voltage
VDD
2.5V ± 5%
2.375
2.5
2.625
V
Ambient Operating
Temperature Range
TA
-40
-
+85
°C
Crystal Resonator Frequency
FXIN
25
MHz
Output Driver Load Capacitance
CL
-
-
15
pF
Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25MHz
Frequency tolerance
± 50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com