Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2853AF-08SR Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM3I2853AF-08SR
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2853AF-08SR Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM3I2853AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2853AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Peak EMI Reducing Solution
5 of 8
November 2006
ASM3P2853A
rev 1.3
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Parameter
Symbol
Conditions/ Description
Min
Typ
Max
Unit
Rise Time*
tr
Measured from 20% to 80% of the
signal level
-
2
-
nS
Fall Time*
tf
Measured from 80% to 20% of the
signal level
-
1.5
-
nS
Jitter
(Cycle to Cycle)
tjc
-
250
-
pS
Jitter
(Period)
tp
-
175
-
pS
Clock Duty Cycle
td
Ratio of pulse width (as measured from
rising edge to next falling edge at
VDD/2) to one clock period
45
50
55
%
* C
L = 15 pF, Input clock frequency = 25MHz
Typical Application Schematic using ASM3P2853A Device
Modulated 50MHz output
1
2
3
4
XIN
XOUT
VDD
VSS
USB Clock
5
6
7
8
PWDNB
SSONB
50MHz
25MHz
fundamental
Crystal
+2.5V
ASM3P2853A
Un-modulated 48MHz output
27pF
27pF
0.1uF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com