Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2811AF-08SR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3I2811AF-08SR
Description  Low Power EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2811AF-08SR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3I2811AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
April 2008
ASM3P2814A/B
rev 1.6
Low Power EMI Reduction IC
4 of 11
Notice: The information in this document is subject to change without notice.
Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Voltage on any pin with respect to GND
3.0
3.6
V
TA
Operating temperature
-40
+85
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
0.8
V
VIH
Input high voltage
2
VDD + 0.3
V
IIL
Input low current
(Inputs D_C, SRS and FRS are pulled high internally)
-50
µA
IIH
Input high current
50
µA
IXOL
XOUT Output low current
(VXOL@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT Output high current
(VXOH@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 5mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = -5mA)
2.5
V
ICC
Dynamic supply current (Unloaded Output)
8
18
mA
IDD
Static supply current , Standby mode
(CLKIN pulled to GND)
4.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
500
µS
ZOUT
Clock out impedance
76
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency for ASM3P2811/12/13/14 A/B
10
40
MHz
Output frequency for ASM3P2811A/B
10
40
MHz
Output frequency for ASM3P2812A/B
20
80
MHz
fOUT
Output frequency for ASM3P2814A/B
40
160
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.5
0.9
1.2
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
1.0
1.3
nS
tJC
Cycle to Cycle Jitter (Unloaded Output)
±250
pS
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com