Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2811AF-08SR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3I2811AF-08SR
Description  Low Power EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2811AF-08SR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3I2811AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
April 2008
ASM3P2814A/B
rev 1.6
Low Power EMI Reduction IC
2 of 11
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external Clock input.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread options.
(Refer Frequency Deviation and Spread Selection Table).
This pin has an internal pull-up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Frequency Deviation and Spread Selection Table).
This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum clock output
6
FRS
I
Frequency range select. Digital logic input used to select Input frequency range
(Refer Input/Output Frequency Range Selection Table).
This pin has an internal pull-up resistor.
7
VDD
P
Power supply for the entire chip.
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
XIN /CLKIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divide
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
D_C SRS FRS
XOUT
VSS
ModOUT
1
2
3
4
5
6
7
8
FRS
XOUT
XIN / CLKIN
VSS
D_C
SRS
VDD
ASM3P2811A/B
ASM3P2812A/B
ASM3P2814A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com