Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2305A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM5P2305A
Description  3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P2305A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM5P2305A Datasheet HTML 1Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 2Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 3Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 4Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 5Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 6Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 7Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 8Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ASM5P2305A
October 2006
ASM5P2309A
rev 2.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V Zero Delay Buffer
General Features
•
15MHz to 133MHz operating range, compatible
with CPU and PCI bus frequencies.
•
Zero input - output propagation delay.
•
Multiple low-skew outputs.
•
Output-output skew less than 250pS.
•
Device-device skew less than 700pS.
•
One input drives 9 outputs, grouped as
4 + 4 + 1 ASM5P2309A).
•
One input drives 5 outputs (ASM5P2305A).
•
Less than 200 pS cycle-to-cycle jitter is compatible
with Pentium
® based systems.
•
Test Mode to bypass PLL (ASM5P2309A only,
Refer Select Input Decoding Table).
•
Available in 16pin 150-mil SOIC, 4.4 mm TSSOP
(ASM5P2309A), and in 8pin 150-mil SOIC
package (ASM5P2305A).
•
3.3V operation, advanced 0.35µ CMOS
technology.
Functional Description
ASM5P2309A is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed clocks. It accepts one
reference input and drives out nine low-skew clocks. It is
available in a 16-pin package. The ASM5P2305A is the
eight-pin version of the ASM5P2309A. It accepts one
reference input and drives out five low-skew clocks.
The -1H version of the ASM5P23XXA operates at up to
133MHz frequencies, and has higher drive than the -1
devices. All parts have on-chip PLLs that lock to an input
clock on the REF pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad.
The ASM5P2309A has two banks of four outputs each,
which can be controlled by the Select inputs as shown in
the Select Input Decoding Table. The select input also
allows the input clock to be directly applied to the outputs
for chip and system testing purposes.
Multiple ASM5P2309A and ASM5P2305A devices can
accept the same input clock and distribute it. In this case
the skew between the outputs of the two devices is
guaranteed to be less than 700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than 350pS, and the output to output skew is
guaranteed to be less than 250pS.
The ASM5P2309A and the ASM5P2305A are available in
two different configurations, as shown in the ordering
information table. The ASM5P2305A-1/ ASM5P2309A-1 is
the base part. The ASM5P2305A-1H/ ASM5P2309A-1H is
the high drive version of the -1 and its rise and fall times
are much faster than -1 part.
Block Diagram
ASM5P2309A
PLL
MUX
CLKOUT
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Select Input
Decoding
S2
S1
REF
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
ASM5P2305A
REF


Similar Part No. - ASM5P2305A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2305A ALSC-ASM5P2305A Datasheet
398Kb / 20P
3.3V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Alliance Semiconductor ...
ASM5P2305A-1-08-SR ALSC-ASM5P2305A-1-08-SR Datasheet
398Kb / 20P
3.3V Zero Delay Buffer
ASM5P2305A-1-08-ST ALSC-ASM5P2305A-1-08-ST Datasheet
398Kb / 20P
3.3V Zero Delay Buffer
ASM5P2305A-1-08-TR ALSC-ASM5P2305A-1-08-TR Datasheet
398Kb / 20P
3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2305A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
3.3V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com