Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2305A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM5P2305A
Description  3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P2305A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM5P2305A Datasheet HTML 1Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 2Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 3Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 4Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 5Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 6Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 7Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 8Page - PulseCore Semiconductor ASM5P2305A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASM5P2305A
October 2006
ASM5P2309A
rev 2.2
3.3V Zero Delay Buffer
2 of 19
Notice: The information in this document is subject to change without notice.
Select Input Decoding for ASM5P2309A
S2
S1
Clock A1 - A4
Clock B1 - B4
CLKOUT
1
Output Source
PLL
Shut-Down
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Notes:
1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and the
output.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero
Delay between input and output. Since the CLKOUT pin is
the internal feedback to the PLL, its relative loading can
adjust the input-output delay.
For applications requiring zero input-output delay, all
outputs, including CLKOUT, must be equally loaded. Even
if CLKOUT is not used, it must have a capacitive load equal
to that on other outputs, for obtaining zero-input-output
delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com