Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2309A Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM5P2309A
Description  3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P2309A Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM5P2309A Datasheet HTML 5Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 6Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 7Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 8Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 9Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 10Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 11Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 12Page - PulseCore Semiconductor ASM5P2309A Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ASM5P2305A
October 2006
ASM5P2309A
rev 2.2
3.3V Zero Delay Buffer
9 of 19
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I2305A-1H and ASM5I2309A-1H - Industrial Temperature Devices
13
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
30pF load
15
100
1/t1
Output Frequency
10pF load
15
133
MHz
Duty Cycle
12 = (t2 / t1) * 100 Measured at 1.4V, FOUT = 66.67MHz
40
50
60
Duty Cycle
12 = (t2 / t1) * 100 Measured at 1.4V, FOUT < 50.0MHz
45
50
55
%
t3
Output Rise Time
12
Measured between 0.8V and 2.0V
1.5
nS
t4
Output Fall Time
12
Measured between 2.0V and 0.8V
1.5
nS
t5
Output-to-output skew
12
All outputs equally loaded
250
pS
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge
12
Measured at VDD /2
0
± 350
pS
t7
Device-to-Device Skew
12
Measured at VDD/2 on the CLKOUT pins
of the device
0
700
pS
t8
Output Slew Rate
12
Measured between 0.8V and 2.0V using Test
Circuit #2
1
V/nS
tJ
Cycle-to-cycle jitter
12
Measured at 66.67MHz, loaded outputs
200
pS
tLOCK
PLL Lock Time
12
Stable power supply, valid clock presented on
REF pin
1.0
mS
Notes:
12. Parameter is guaranteed by design and characterization. Not 100% tested in production
13. All parameters specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com