Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1708C Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P1708C
Description  Low Power Notebook LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1708C Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P1708C Datasheet HTML 1Page - PulseCore Semiconductor P1708C Datasheet HTML 2Page - PulseCore Semiconductor P1708C Datasheet HTML 3Page - PulseCore Semiconductor P1708C Datasheet HTML 4Page - PulseCore Semiconductor P1708C Datasheet HTML 5Page - PulseCore Semiconductor P1708C Datasheet HTML 6Page - PulseCore Semiconductor P1708C Datasheet HTML 7Page - PulseCore Semiconductor P1708C Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 2008
P1708C
rev 1.3
Low Power Notebook LCD Panel EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Range Selection
SR1
SR0
Spreading Range
Modulation Rate
0
0
± 1.00%
(FIN/40) * 62.49 KHz
0
1
± 2.00%
(FIN/40) * 62.49 KHz
1
0
± 0.25%
(FIN/40) * 62.49 KHz
1
1
± 0.75%
(FIN/40) * 62.49 KHz
Schematic for Notebook VGA Application
Note: To set the P1708C to standby mode, disable the input clock (pin 1 CLKIN) and pull SSON (pin 5) low. Refer Standby Mode Selection
Table.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Pin 8 can be tied either high or low,
or it can be left unconnected.
Tie SR0 and SR1 high/low
according to spread range desired.
External resistors are not needed to
pull these pins high.
Pin 5 SSON should be left unconnected to turn on
spread spectrum. Pull this pin low to turn spread
spectrum OFF and enable stand-by mode.
50MHz to 110MHz pixel clock input
from VGA chip
FB
VDD
0.1µF
1
2
4
3
8
7
5
6
CLKIN
VDD
VSS
ModOUT
SSON
SR1
SR0
NC
P1708C
50MHz – 110MHz Pixel Clock
Input from VGA Chip



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com