Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1708C Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P1708C
Description  Low Power Notebook LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1708C Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P1708C Datasheet HTML 1Page - PulseCore Semiconductor P1708C Datasheet HTML 2Page - PulseCore Semiconductor P1708C Datasheet HTML 3Page - PulseCore Semiconductor P1708C Datasheet HTML 4Page - PulseCore Semiconductor P1708C Datasheet HTML 5Page - PulseCore Semiconductor P1708C Datasheet HTML 6Page - PulseCore Semiconductor P1708C Datasheet HTML 7Page - PulseCore Semiconductor P1708C Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2008
P1708C
rev 1.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Power Notebook LCD Panel EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Generates a low EMI spread spectrum clock of the
input frequency.
•
Optimized for frequency range from 50 to 110MHz.
•
Internal loop filter minimizes external components and
board space.
•
Four selectable spread ranges.
•
Low inherent cycle-to-cycle jitter.
•
3.3V operating voltage range.
•
TTL or CMOS compatible inputs and outputs.
•
Ultra-low power CMOS design.
•
8.46 mA @3.3V, 54MHz
•
9.79 mA @3.3V, 65MHz
•
12.06 mA @3.3V, 81MHz
•
16.51 mA @3.3V, 108MHz
•
Supports notebook VGA and other LCD timing
controller applications.
•
Pinout compatible to ICS MK1708 and Cypress
CY25560.
•
SSON/SBM pin for Spread Spectrum On/Off and
Standby Mode controls.
•
Available in 8-pin SOIC and TSSOP.
Product Description
The P1708C is a versatile spread spectrum frequency
modulator designed specifically for input clock frequencies.
The P1708C reduces electromagnetic interference (EMI) at
the clock source, allowing system wide reduction of EMI of
down stream clock and data dependent signals. The
P1708C allows significant system cost savings by reducing
the number of circuit board layers ferrite beads, shielding
and other passive components that are traditionally
required to pass EMI regulations.
The P1708C modulates the output of a single PLL in order
to “spread” the bandwidth of a synthesized clock, and more
importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
The P1708C uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
Applications
The P1708C is targeted towards notebook LCD displays,
and other displays using an LVDS interface, PC peripheral
devices, and embedded systems.
Block Diagram
VSS
CLKIN
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SSON
SR0 SR1
Frequency
Divider


Similar Part No. - P1708C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1708C ALSC-P1708C Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P1708C-08SR ALSC-P1708C-08SR Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
P1708C-08ST ALSC-P1708C-08ST Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
P1708C-08TR ALSC-P1708C-08TR Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P1708C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1708C ALSC-P1708C Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1727 PULSECORE-P1727 Datasheet
182Kb / 9P
Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com