Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1727 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P1727
Description  Low Power Notebook LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1727 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P1727 Datasheet HTML 1Page - PulseCore Semiconductor P1727 Datasheet HTML 2Page - PulseCore Semiconductor P1727 Datasheet HTML 3Page - PulseCore Semiconductor P1727 Datasheet HTML 4Page - PulseCore Semiconductor P1727 Datasheet HTML 5Page - PulseCore Semiconductor P1727 Datasheet HTML 6Page - PulseCore Semiconductor P1727 Datasheet HTML 7Page - PulseCore Semiconductor P1727 Datasheet HTML 8Page - PulseCore Semiconductor P1727 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2007
P1727
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Power Notebook LCD Panel EMI Reduction IC
Features
• FCC approved method of EMI attenuation
• Generates a low EMI spread spectrum of
the input clock frequency
• Optimized for frequency range:
P1727X: 20MHz to 40MHz
• Internal loop filter minimizes external
components and board space
• 8 different frequency deviations ranging
from +/-0.625% to –3.50%
• Low inherent Cycle-to-cycle jitter
• 3.3V Operating Voltage
• Supports notebook VGA and other LCD
timing controller applications
• Available in 8 pin SOIC and TSSOP
• Qualified for Industrial Temp Spec.
(-40°C to +85°C)
Product Description
The P1727 is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of clock frequencies. The P1727 reduces
electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of down stream
(clock and data dependent signals). The P1727 allows
significant system cost savings by reducing the number
of circuit board layers and shielding that are traditionally
required to pass EMI regulations.
The P1727 modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
thereby decreasing the peak amplitudes of its
harmonics. This result in significantly lower system EMI
compared to the typical narrow band signal produced
by oscillators and most clock generators. Lowering EMI
by increasing a signal’s bandwidth is called “spread
spectrum clock generation”.
The P1727 uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all-digital method.
Applications
The P1727 is targeted towards notebook LCD displays,
other displays using an LVDS interface, PC peripheral
devices and embedded systems.
Block Diagram
CLKIN
VSS
Loop
Filter
Modulation
VDD
Frequency
Divider
Feedback
Divider
Phase
Detector
VCO
PLL
PDB
Output
Divider
REFOUT
ModOUT


Similar Part No. - P1727

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
PICK-OFF TRANSFORMER
logo
ON Semiconductor
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1727AF-08SR ONSEMI-P1727AF-08SR Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
More results

Similar Description - P1727

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1708C ALSC-P1708C Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1708C PULSECORE-P1708C Datasheet
172Kb / 8P
Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com