Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1727 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P1727
Description  Low Power Notebook LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1727 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P1727 Datasheet HTML 1Page - PulseCore Semiconductor P1727 Datasheet HTML 2Page - PulseCore Semiconductor P1727 Datasheet HTML 3Page - PulseCore Semiconductor P1727 Datasheet HTML 4Page - PulseCore Semiconductor P1727 Datasheet HTML 5Page - PulseCore Semiconductor P1727 Datasheet HTML 6Page - PulseCore Semiconductor P1727 Datasheet HTML 7Page - PulseCore Semiconductor P1727 Datasheet HTML 8Page - PulseCore Semiconductor P1727 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
April 2007
P1727
rev 0.2
Low Power Notebook LCD Panel EMI Reduction IC
2 of 9
Notice: The information in this document is subject to change without notice.
Pin Configuration
Table 1 – Power Down Selection
PDB
Spread Spectrum
ModOUT
PLL
Mode
0
N/A
Disabled
Disabled
Power Down
1
ON
Normal
Normal
Normal
Table 2 Frequency Deviation Selection
P/ N
Deviation
P/N
Deviation
P1727A
-1.25%
P1727E
+/-0.625%
P1727B
-1.75%
P1727F
+/-0.875%
P1727C
-2.50%
P1727G
+/-1.25%
P1727D
-3.50%
P1727H
+/-1.75%
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
External reference frequency input. Connect to externally generated
reference signal.
2
VDD
P
Connect to +3.3V
3
VSS
P
Ground Connection. Connect to system ground.
4
ModOUT
O
Spread Spectrum Clock output
5
REFOUT
O
Reference output.
6
NC
No connect
7
NC
No connect
8
PDB
I
Powerdown Pin.Pull low to disable spread spectrum clock output.
NC
REFOUT
1
2
3
4
5
6
7
8
P1727
CLKIN
VDD
VSS
ModOUT
NC
PDB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com