Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1819 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1819 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P1819 Datasheet HTML 1Page - PulseCore Semiconductor P1819 Datasheet HTML 2Page - PulseCore Semiconductor P1819 Datasheet HTML 3Page - PulseCore Semiconductor P1819 Datasheet HTML 4Page - PulseCore Semiconductor P1819 Datasheet HTML 5Page - PulseCore Semiconductor P1819 Datasheet HTML 6Page - PulseCore Semiconductor P1819 Datasheet HTML 7Page - PulseCore Semiconductor P1819 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
P1819
rev 1.9
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Notebook LCD Panel EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Provides up to 15dB EMI reduction.
•
Generates a low EMI Spread Spectrum clock and a
non-spread reference clock of the input frequency.
•
Optimized for Frequency range from 20 to 40MHz.
•
Internal loop filter minimizes external components
and board space.
•
Selectable spread options: Down and Center.
•
Low Inherent Cycle-to-Cycle jitter.
•
Eight spread % selections:
±0.625% to –3.5%.
•
ModRate is compliant with ATI M7x VGA spec.
•
3.3V
± 0.3V Operating Voltage range.
•
Low power CMOS design.
•
Supports notebook VGA and other LCD timing
controller applications.
•
Power Down function for mobile application.
•
Available in Commercial temperature range.
•
Available in 8-pin SOIC and TSSOP Packages.
Product Description
The P1819 is a Versatile Spread Spectrum Frequency
Modulator designed specifically for input clock frequencies
from 20 to 40MHz. (Refer Input Frequency and Modulation
Rate
Table).
The
P1819
reduces
electromagnetic
interference (EMI) at the clock source, allowing system
wide reduction of EMI of down stream clock and data
dependent signals. The P1819 allows significant system
cost savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components that
are traditionally required to pass EMI regulations.
The P1819 modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more
importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called ‘Spread
Spectrum Clock Generation’.
The P1819 is available in different spread deviation, refer
to “Spread Deviation Selection” Table.
The P1819 uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
Applications
The P1819 is targeted towards EMI management for
memory and LVDS interfaces in mobile graphic chipsets
and high-speed digital applications such as PC peripheral
devices, consumer electronics, and embedded controller
systems.
Block Diagram
VSS
VDD
ModOUT
XIN/CLKIN
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
SRS
D_C/NC PD#
Crystal
Oscillator
XOUT
REF


Similar Part No. - P1819

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819 ONSEMI-P1819 Datasheet
264Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P1819 ONSEMI-P1819 Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
logo
Alliance Semiconductor ...
P1819A-08SR ALSC-P1819A-08SR Datasheet
60Kb / 8P
Low Power Mobile VGA EMI Reduction IC
P1819A-08SR ALSC-P1819A-08SR Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P1819

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1819 ALSC-P1819 Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A PULSECORE-P1707A Datasheet
176Kb / 7P
Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com