Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1819 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1819 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P1819 Datasheet HTML 1Page - PulseCore Semiconductor P1819 Datasheet HTML 2Page - PulseCore Semiconductor P1819 Datasheet HTML 3Page - PulseCore Semiconductor P1819 Datasheet HTML 4Page - PulseCore Semiconductor P1819 Datasheet HTML 5Page - PulseCore Semiconductor P1819 Datasheet HTML 6Page - PulseCore Semiconductor P1819 Datasheet HTML 7Page - PulseCore Semiconductor P1819 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
March 2007
P1819
rev 1.9
Note Book LCD Panel EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
1819A/B/C/D 1819E/F/G/H/Q
Pin Name
Type
Description
1
1
XIN / CLKIN
I
Crystal Connection or external frequency input.This pin
has dual functions. It can be connected to either an
external crystal or an external reference clock
2
2
VSS
P
Ground Connection. Connect to system ground.
3
SRS
I
Spread range select. Digital logic input used to select
frequency deviation (Refer Spread Deviation Selection
Table). This pin has an internal pull-up resistor.
3
3
D_C / NC
I
Digital logic input used to select Down (LOW) or Center
(HIGH) spread options (Refer Spread Deviation
Selection Table). This pin has an internal pull-up
resistor.
4
4
ModOUT
O
Spread spectrum clock output. (Refer Input Frequency
and Modulation Rate Table and Spread Deviation
Selection Table)
5
5
REF
O
Non-modulated Reference clock output of the input
frequency.
6
6
PD#
I
Power down control pin. Pull XIN/CLKIN and PD# LOW
to enable Power-Down mode. This pin has an internal
pull-up resistor.
7
7
VDD
P
Power Supply for the entire chip.
8
8
XOUT
O
Crystal Connection. Input connection for an external
crystal. If using an external reference, this pin must be
left unconnected.
Note: Pin 3 is NC in P1819Q
Input Frequency and Modulation Rate
Part Number
Input Frequency Range
Output Frequency range
Modulation rate
P1819
20MHz to 40MHz
20MHz to 40MHz
Input Frequency / 896
VDD
PD#
XOUT
REF
1
2
3
4
5
6
7
8
P1819 A/B/C/D
XIN/ CLKIN
VSS
SRS
ModOUT
VDD
REF
1
2
3
4
5
6
7
8
P1819 E/F/G/H/Q
XIN / CLKIN
VSS
D_C / NC
ModOUT
PD#
XOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com