Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2040B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P2040B
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P2040B Datasheet HTML 1Page - PulseCore Semiconductor P2040B Datasheet HTML 2Page - PulseCore Semiconductor P2040B Datasheet HTML 3Page - PulseCore Semiconductor P2040B Datasheet HTML 4Page - PulseCore Semiconductor P2040B Datasheet HTML 5Page - PulseCore Semiconductor P2040B Datasheet HTML 6Page - PulseCore Semiconductor P2040B Datasheet HTML 7Page - PulseCore Semiconductor P2040B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
November 2006
P2040B
rev 0.2
LCD Panel EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
P2040B
CLKIN
CP0
SR0
SSON#
CP1
VSS
ModOUT
1
2
3
4
5
6
7
8
VDD
+3.3V
Digital control for SS
enable or disable
0.1 µF
Modulation 65MHz signal
with +/- 1.56% Deviation
and Modulation Rate of
101.54 KHz. This signal is
connected back to the
Spread Spectrum input
Pin (SSIN) of the
Graphics Accelerator.
65MHz from Graphics
Spread Spectrum Selection
Table 1 illustrates the possible spread spectrum options. The optimal setting should minimize system EMI to the fullest
without affecting system performance. The spreading is described as a percentage deviation of the center frequency (Note:
the center frequency is the frequency of the external reference input on CLKIN, Pin 1).
Example: P2040B is designed for high resolution flat panel applications and is able to support panel frequencies from
30MHz to 100MHz. For a 65MHz pixel clock frequency, a spreading selection of CP0 = 0,CP1=1 and SR0=1 gives a
percentage deviation of +/-1.56% (see Table 1). This results in frequency on ModOUT being swept from 64.5MHz to
65.5MHz. This particular example given here is a common EMI reduction method for notebook LCD panel and has already
been implemented by most of the leading OEM and mobile graphic accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com