Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2040B Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # P2040B
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040B Datasheet(HTML) 7 Page - PulseCore Semiconductor

  P2040B Datasheet HTML 1Page - PulseCore Semiconductor P2040B Datasheet HTML 2Page - PulseCore Semiconductor P2040B Datasheet HTML 3Page - PulseCore Semiconductor P2040B Datasheet HTML 4Page - PulseCore Semiconductor P2040B Datasheet HTML 5Page - PulseCore Semiconductor P2040B Datasheet HTML 6Page - PulseCore Semiconductor P2040B Datasheet HTML 7Page - PulseCore Semiconductor P2040B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
November 2006
P2040B
rev 0.2
LCD Panel EMI Reduction IC
7 of 8
Notice: The information in this document is subject to change without notice.
Ordering Information
Part number
Marking
Package Configuration
Temperature Range
P2040BF-08-ST
P2040BF
8-Pin SOIC, Tube, Pb Free
Commercial
P2040BF-08-SR
P2040BF
8-Pin SOIC, Tape and Reel, Pb Free
Commercial
P2040BG-08-ST
P2040BG
8-Pin SOIC, Tube, Green
Commercial
P2040BG-08-SR
P2040BG
8-Pin SOIC, Tape and Reel, Green
Commercial
P2040BF-08-TT
P2040BF
8-Pin TSSOP, Tube, Pb Free
Commercial
P2040BF-08-TR
P2040BF
8-Pin TSSOP, Tape and Reel, Pb Free
Commercial
P2040BG-08-TT
P2040BG
8-Pin TSSOP, Tube, Green
Commercial
P2040BG-08-TR
P2040BG
8-Pin TSSOP, Tape and Reel, Green
Commercial
I2040BF-08-TT
I2040BF
8-Pin TSSOP, Tube, Pb Free
Industrial
I2040BF-08-TR
I2040BF
8-Pin TSSOP, Tape and Reel, Pb Free
Industrial
I2040BG-08-TT
I2040BG
8-Pin TSSOP, Tube, Green
Industrial
I2040BG-08-TR
I2040BG
8-Pin TSSOP, Tape and Reel, Green
Industrial
I2040BF-08-ST
I2040BF
8-Pin SOIC, Tube, Pb Free
Industrial
I2040BF-08-SR
I2040BF
8-Pin SOIC, Tape and Reel, Pb Free
Industrial
I2040BG-08-ST
I2040BG
8-Pin SOIC, Tube, Green
Industrial
I2040BG-08-SR
I2040BG
8-Pin SOIC, Tape and Reel, Green
Industrial
Device Ordering Information
P2040B
F-08-ST
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
ST – SOIC, TUBE
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-40°C to 85°C)
Pin Count
Deviation (%) and Spread option Identifier
F =Lead Free and and RoHS compliant part
G = GREEN PACKAGE, LEAD FREE, and RoHS
DEVICE NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com