Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I9942C Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS2I9942C
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I9942C Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS2I9942C Datasheet HTML 1Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 2Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 3Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 4Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 5Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 6Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 7Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 8Page - PulseCore Semiconductor PCS2I9942C Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
September 2006
PCS2I9942C
rev 0.3
Low Voltage 1:18 Clock Distribution Chip
3 of 10
Notice: The information in this document is subject to change without notice.
Table 2. Pin Configuration
Pin #
Pin Name
I/O
Type
Function
1,2,12,17,25
GND
Supply
Ground
3
LVCMOS_CLK
Input
LVCMOS
LVCMOS Clock Input
4,6
NC
No Connect
5
OE
Input
LVCMOS
Outputs are enabled, when OE is
high and are tri-stated, when OE is
made low.
7,8,16,21,29
VCC
Supply
VCC
Positive power supply
9-11
Q17-Q15
Output
LVCMOS
Clock outputs
13-15
Q14-Q12
Output
LVCMOS
Clock outputs
18-20
Q11-Q9
Output
LVCMOS
Clock outputs
22-24
Q8-Q6
Output
LVCMOS
Clock outputs
26-28
Q5-Q3
Output
LVCMOS
Clock outputs
30-32
Q2-Q0
Output
LVCMOS
Clock outputs
Table 3. Absolute Maximum Rating
1
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
-0.3
3.6
V
VI
Input Voltage
-0.3
VCC + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
-40
125
°C
Note: 1These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Table 4. DC Characteristics (T
A = -40° to +85°C, VCC = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
VCCI
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.0
V
IOH = –16 mA
VOL
Output LOW Voltage
0.5
V
IOL = 16 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
14
pF
Per Output
ZOUT
Output Impedance
12
Ω
ICC
Maximum Quiescent Supply Current
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com