Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44H01 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPIC44H01 Datasheet HTML 8Page - Texas Instruments TPIC44H01 Datasheet HTML 9Page - Texas Instruments TPIC44H01 Datasheet HTML 10Page - Texas Instruments TPIC44H01 Datasheet HTML 11Page - Texas Instruments TPIC44H01 Datasheet HTML 12Page - Texas Instruments TPIC44H01 Datasheet HTML 13Page - Texas Instruments TPIC44H01 Datasheet HTML 14Page - Texas Instruments TPIC44H01 Datasheet HTML 15Page - Texas Instruments TPIC44H01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 4. Deglitch Time Encoding
DG1
SDI
BIT5
DG2
SDI
BIT6
DG3
SDI
BIT7
SHORT-TO-GND
DEGLITCH TIME,
t(STG)
(
µs)
SHORT-TO-GND
DUTY CYCLE
WITH:
AR_ENBL=1
OVER-CURRENT
DEGLITCH TIME,
t(OC)
(
µs)
OVER-CURRENT
DUTY CYCLE
WITH:
AR_ENBL=1
AUTO-RETRY
TIME,
t(retry)
(ms)
OPEN-LOAD
DEGLITCH
TIME, t(OL)
(
µs)
0
0
0
16†
0.1%†
120†
0.75%†
16†
120†
0
0
1
4
0.1%
30
0.75%
4
30
0
1
0
8
0.1%
60
0.75%
8
60
0
1
1
32
0.1%
240
0.75%
32
240
1
0
0
120
0.1%
120
0.75%
16
120
1
0
1
30
0.1%
30
0.75%
4
30
1
1
0
60
0.1%
60
0.75%
8
60
1
1
1
240
0.1%
240
0.75%
32
240
† Indicated default conditions after power up.
SDO MSB fault data is setup on the SDO pin by the high-to-low transition of CS prior to the first low-to-high
transition of SCLK. Thus, there must be a lead time, tsu(lead) (see Figure 5), in the host controller from CS
high-to-low transition to the first rising edge of SCLK to allow the SDO tri-state output to enable and to setup
the fault data MSB on the SDO pin. The remaining 7 bits of fault data are shifted out by the falling edge of the
next 7 SCLK cycles. To prevent data from prematurely shifting out of SDO on a low transition of CS while SCLK
is high, the device requires a low-to-high transition on SCLK after a low transition on CS before the second fault
bit is shifted out. One SCLK cycle is required to clear the serial data register and latch in fault data. If a low
transition on CS occurs without a low-to-high transition on SCLK, then fault data remains in the SDO register
and the device will not latch data into the control register.
The serial register serves as the fault register while CS is high. Thus, a fault occurring any time after the end
of the previous serial interface protocol (low-to-high transition of CS) will be latched as a fault in the serial register
and will be reported via SDO during the next serial protocol. The FLT interrupt will refresh on the high-to-low
transition of CS. The CS input must be driven to a high state after the last bit of serial data has been clocked
into the device. The rising edge of CS will inhibit the SDI input port, put the SDO output port into a high
impedance state, latch the 4 bits of SDI data into the output buffer, and clear/re-enable the serial fault registers
(see Figure 6).
FLT4B
FLT4A
FLT3B
FLT3A
FLT2B
FLT2A
FLT1B
FLT1A
Hi-Z
Hi-Z
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
SCLK
CS
SDO
12
345
6
7
8
Figure 6. SDO Timing Diagram
The TPIC44H01 serial data interface allows multiple devices to be cascaded together to reduce I/O from the
host controller by using a single CS line. In this configuration, 8 bits of data for every cascaded TPIC44H01 must
be sent during the time that CS is low for proper operation (see Figure 7 for an example of two cascaded
TPIC44H01s). If less than 8 bits of data per cascaded device is sent during the time CS is low, the wrong output
may be enabled or disabled, and some fault data will be latched to the output(s) once CS returns high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com