Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44H01 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPIC44H01 Datasheet HTML 17Page - Texas Instruments TPIC44H01 Datasheet HTML 18Page - Texas Instruments TPIC44H01 Datasheet HTML 19Page - Texas Instruments TPIC44H01 Datasheet HTML 20Page - Texas Instruments TPIC44H01 Datasheet HTML 21Page - Texas Instruments TPIC44H01 Datasheet HTML 22Page - Texas Instruments TPIC44H01 Datasheet HTML 23Page - Texas Instruments TPIC44H01 Datasheet HTML 24Page - Texas Instruments TPIC44H01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
dynamic over-current threshold generation
Figure 13 shows the internal circuitry associated with V(PK_x) and the external resistor divider and capacitor
connected to V(COMPx). The intent of this implementation is to allow a dynamicV(COMPx) voltage to be generated
which begins at the voltage referenced to the V(PK_x) pin and decays as an RC discharge to the resistor divider
voltage setup by the network on the V(COMPx) pin. Figure 14 shows an example of the dynamic V(COMPx) voltage
waveform. This waveform will be generated each time a channel is switched from off to on by either a serial bit
or parallel input. The V(OVDS) threshold begins at a high value to allow the high in-rush current associated with
cold lamp filament resistance and decays at an RC time constant to emulate the current decrease in the lamp
as the filament warms up. The steady-state threshold after the RC decay provides protection against soft-short
conditions that could cause the FET to over heat after a long period of time. Selection of V(PK_x) voltage and
V(COMPx) resistor divider and capacitor provides the user with the flexibility to accommodate a wide variety of
lamp types. The TPIC44H01 thus provides a wide dynamic range of the over-current detection function, and
a time-dependent variation in the threshold that are user adjustable by the selection of external components.
1.5
1
0.5
0
–20
20
60
100
2
2.5
t – Time – ms
3
140
180
220
0
40
80
120
160
200
240
Dynamic V(COMPx),
V(peak) = 2.5 V,
V(sustained) = 0.2 V
Figure 14. Dynamic Fault Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com