Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202AI Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2202AI Datasheet HTML 10Page - Texas Instruments TPS2202AI Datasheet HTML 11Page - Texas Instruments TPS2202AI Datasheet HTML 12Page - Texas Instruments TPS2202AI Datasheet HTML 13Page - Texas Instruments TPS2202AI Datasheet HTML 14Page - Texas Instruments TPS2202AI Datasheet HTML 15Page - Texas Instruments TPS2202AI Datasheet HTML 16Page - Texas Instruments TPS2202AI Datasheet HTML 17Page - Texas Instruments TPS2202AI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
designing around 1-A delivery (continued)
voltage loss across the power distribution switch is now 4.923 V minus 4.750 V or 173 mV. Therefore, a switch
with 173 m
Ω or less could deliver 1 A or greater. Setting the power supply high is a common practice for
delivering voltages to allow for system switch connector and etch losses. This practice has a minimal effect on
overall battery life. In the example above, setting the power supply 1.5% high would only decrease a 3-hour
battery life by approximately 2.7 minutes, trivial when compared with the decrease in battery life when running
a 5-W PC Card.
heat dissipation
A greater concern in delivering 1 A or 5 W is the ability of the host to dissipate the heat generated by the PC
Card. For desktop computers the solution is simpler: locate the PC Card cage such that it receives convection
cooling from the forced air of the fan. Notebooks and other handheld equipment will not be able to rely on
convection, but on conduction of heat away from the PC Card through the rails into the card cage. This is difficult
because PC Card/card cage heat transfer is very poor. A typical design scenario would require the PC Card
to be held at 60
°C maximum with the host platform operating as high as 50°C. Preliminary testing reveals that
a PC Card can have a 20
°C rise, exceeding the 10°C differential in the example, when dissipating less than 2
W of continuous power. Sixty degrees centigrade was chosen because it is the maximum operating temperature
allowable by PC Card specification. Power handling requirements and temperature rises are topics of concern
and are currently being addressed by the PCMCIA committee.
overcurrent and over-temperature protection
PC Cards are inherently subject to damage that can result from mishandling. Host systems require protection
against short-circuited cards that could lead to power supply or PCB-trace damage. Even systems sufficiently
robust to withstand a short circuit would still undergo rapid battery discharge into the damaged PC Card,
resulting in the rather sudden and unacceptable loss of system power. Most hosts include fuses for protection.
The reliability of fused systems is poor though, as blown fuses require troubleshooting and repair, usually by
the manufacturer.
The TPS2202AI takes a two-pronged approach to overcurrent protection. First, instead of fuses, sense FETs
monitor each of the power outputs. Excessive current generates an error signal that linearly limits the output
current, preventing host damage or failure. Sense FETs, unlike sense resistors or polyfuses, have an added
advantage in that they do not add to the series resistance of the switch and thus produce no additional voltage
losses. Second, when an overcurrent condition is detected, the TPS2202AI asserts a signal at OC that can be
monitored by the microprocessor to initiate diagnostics and/or send the user a warning message. In the event
that an overcurrent condition persists, causing the IC to exceed its maximum junction temperature,
thermal-protection circuitry activates, shutting down all power outputs until the device cools to within a safe
operating region.
12-V supply not required
Most PC Card switches use the externally supplied 12-V Vpp power for switch-gate drive and other chip
functions, which requires that power be present at all times. The TPS2202AI offers considerable power savings
by using an internal charge pump to generate the required higher voltages from the 5-V VDD supply; therefore,
the external 12-V supply can be disabled except when needed for flash-memory functions, thereby extending
battery lifetime. Do not ground the 12-V inputs when 12-V supply is not in use. Additional power savings are
realized by the TPS2202AI during a software shutdown in which quiescent current drops to a maximum of
1
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com