Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202AI Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2202AI Datasheet HTML 14Page - Texas Instruments TPS2202AI Datasheet HTML 15Page - Texas Instruments TPS2202AI Datasheet HTML 16Page - Texas Instruments TPS2202AI Datasheet HTML 17Page - Texas Instruments TPS2202AI Datasheet HTML 18Page - Texas Instruments TPS2202AI Datasheet HTML 19Page - Texas Instruments TPS2202AI Datasheet HTML 20Page - Texas Instruments TPS2202AI Datasheet HTML 21Page - Texas Instruments TPS2202AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
DATA
CLOCK
LATCH
Serial
Interface
APWR_GOOD
OC
Internal
Current Monitor
Controller
Thermal
Vpp1
Vpp2
VCC
VCC
VCC
VCC
Vpp1
22
23
21
20
11
10
8
12V
5V
12V
5V
5V
3.3V
3.3V
3.3V
24
30
7
2
1
17
16
15
18
13
S6
S5
S4
S3
S2
S1
S12
S11
S10
S9
S8
S7
TPS2202AI
Card A
Card B
VDD
25
Vpp2
9
GND
12
3
4
5
BPWR_GOOD
19
51
17
52
18
51
17
52
18
CS
CS
CS
CS
Supervisor
RESET
RESET
6
14
Figure 24. Internal Switching Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com