Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2205DF Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2205DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205DF Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2205DF Datasheet HTML 3Page - Texas Instruments TPS2205DF Datasheet HTML 4Page - Texas Instruments TPS2205DF Datasheet HTML 5Page - Texas Instruments TPS2205DF Datasheet HTML 6Page - Texas Instruments TPS2205DF Datasheet HTML 7Page - Texas Instruments TPS2205DF Datasheet HTML 8Page - Texas Instruments TPS2205DF Datasheet HTML 9Page - Texas Instruments TPS2205DF Datasheet HTML 10Page - Texas Instruments TPS2205DF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, VI(5V) = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2205Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
§
5 V to xVCC
103
§
3.3 V to xVCC
VI(5V) = 5 V,
VI(3.3 V) = 3.3 V
69
m
Ω
Switch resistances§
3.3 V to xVCC
VI(5V) = 0,
VI(3.3V) = 3.3 V
96
Switch resistances§
5 V to xVPP
4.74
3.3 V to xVPP
4.74
Ω
12 V to xVPP
0.724
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.275
V
VO(xVCC)
Clamp low voltage
ICC at 10 mA
0.275
V
Ilk
Leakage current
Ipp High-impedance state
TA = 25°C
1
µA
Ilkg
Leakage current
ICC High-impedance state
TA = 25°C
1
µA
II
Input current
VI(5V) = 5 V
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
117
µA
II
Input current
VI(5V) = 0,
VI(3.3V) = 3.3 V
VO(AVCC) = VO(BVCC) = 3.3 V,
VO(AVPP) = VO(BVPP) = 0
131
µA
§ Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
switching characteristics†‡
PARAMETER
TEST CONDITIONS
TPS2205Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output rise time
VO(xVCC)
1.2
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
VI( VPP PGM) to VO( VPP)
ton
4.4
ms
VI(x_VPP_PGM) to VO(xVPP)
toff
18
ms
V (CC ) to xVCC (3 3 V) V () 5V
ton
6.5
ms
t d
Propagation delay (see Figure 1)
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 5 V
toff
20
ms
tpd
Propagation delay (see Figure 1)
VI( VCC5) to xVCC (5 V)
ton
5.7
ms
VI(x_VCC5) to xVCC (5 V)
toff
25
ms
VI( VCC5) to xVCC (3 3 V) VI(5V) =0
ton
6.6
ms
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 0
toff
21
ms
† Refer to Parameter Measurement Information
‡ Switching Characteristics are with CL = 150 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com