Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2205DF Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2205DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205DF Datasheet(HTML) 3 Page - Texas Instruments

  TPS2205DF Datasheet HTML 1Page - Texas Instruments TPS2205DF Datasheet HTML 2Page - Texas Instruments TPS2205DF Datasheet HTML 3Page - Texas Instruments TPS2205DF Datasheet HTML 4Page - Texas Instruments TPS2205DF Datasheet HTML 5Page - Texas Instruments TPS2205DF Datasheet HTML 6Page - Texas Instruments TPS2205DF Datasheet HTML 7Page - Texas Instruments TPS2205DF Datasheet HTML 8Page - Texas Instruments TPS2205DF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS2205Y chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS2205. Thermal
compression or ultrasonic bonding may be used on the doped-aluminum bonding pads. The chips may be
mounted with conductive epoxy or a gold-silicon preform.
43
2
1
27
26
25
24
23
22
21
20
19
18
17
16
14
15
13
12
11
10
9
8
7
6
5
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
142
144
TPS2205Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
25
24
23
22
21
20
19
18
17
16
15
5V
5V
A_VPP_PGM
A_VPP_VCC
A_VCC5
A_VCC3
12V
AVPP
AVCC
AVCC
AVCC
GND
SHDN
3.3V
5V
B_VPP_PGM
B_VPP_VCC
B_VCC5
B_VCC3
12V
BVPP
BVCC
BVCC
BVCC
OC
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com