Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9104 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS9104
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9104 Datasheet(HTML) 1 Page - Texas Instruments

  TPS9104 Datasheet HTML 1Page - Texas Instruments TPS9104 Datasheet HTML 2Page - Texas Instruments TPS9104 Datasheet HTML 3Page - Texas Instruments TPS9104 Datasheet HTML 4Page - Texas Instruments TPS9104 Datasheet HTML 5Page - Texas Instruments TPS9104 Datasheet HTML 6Page - Texas Instruments TPS9104 Datasheet HTML 7Page - Texas Instruments TPS9104 Datasheet HTML 8Page - Texas Instruments TPS9104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS9104
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY/AUDIO SYSTEM
SLVS133A – AUGUST 1996 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete Power-Supply/Audio System For
Cellular Handsets
D Three Low-Dropout Regulators (LDOs) with
100-mV Dropout
D Speaker and Ringer Power Amplifiers Drive
32-
Ω Dynamic Speakers or Piezo Devices
D Low-Noise Microphone Amplifier
D Depop Protection For All Amplifiers
D Less Than 1 µA Supply Current in
Shutdown, Typical
D 250-ms Microprocessor Reset Output
D 10-mA Charge-Pump Driver Configurable
For Inverted or Doubled Output
D Separate Enables for LDOs, Amplifiers, and
Charge Pump
D 1.185-V Reference Capable of Driving 2 mA
D 48-Pin TQFP Package
description
The TPS9104 incorporates a complete power
supply and audio power system for a cellular
subscriber terminal that uses battery packs with three or four NiMH/NiCd cells or a single lithium-ion cell. The
device includes three low-dropout linear regulators rated for 3.3 V or 3 V at 100 mA each, a charge-pump driver,
two power amplifiers for a speaker and a ringer, a low-noise microphone amplifier, and logic that includes a
250-ms reset, on/off control, and processor interface. Regulators A and B and the charge-pump driver are
disabled until regulator L (logic regulator) reaches the rated voltage and RESET is logic high. Regulators A and
B, the charge-pump driver, and the amplifiers have separate enables allowing circuitry to be powered up or down
as necessary to conserve battery power.
Each of the amplifiers has a depop circuit to prevent objectionable noise when the IC is powered up or when
the amplifiers are enabled. Both the speaker amplifier and the ringer amplifier are designed to supply
2 V peak-to-peak into 32
Ω or into a 90-nF piezoelectric speaker. The microphone amplifier is a low-noise
high-gain (AV=100) circuit capable of supplying 3 V peak-to-peak into a 10-kΩ load.
The TPS9104 operates over a free-air temperature range of –40
°C to 85°C and is supplied in a 48-pin TQFP
package.
AVAILABLE OPTIONS
PACKAGED DEVICE
CHIP FORM
TA
THIN QFP
(PT)
CHIP FORM
(Y)
–40
°C to 85°C
TPS9104IPT
TPS9104Y
The PT package is available taped and reeled. Add R suffix to the device
type when ordering (e.g. TPS9104IPTR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
14 15
GND
EN_B
PB
OFF
ON
VCC
NC
EN
PA
MIC_EN
EN_A
GND
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
GND
VCC
PL
RNGR_OUT+
RNGR_OUT–
RNGR_IN
RNGR_EN
RESET
NC
AREF
VCP
GND_CP
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PT PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated


Similar Part No. - TPS9104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9104 TI1-TPS9104 Datasheet
584Kb / 34P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104IPTR TI1-TPS9104IPTR Datasheet
584Kb / 34P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
More results

Similar Description - TPS9104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798 Datasheet
642Kb / 20P
CDMA Cellular/PCS System Power Supplies
19-1655; Rev 1; 2/01
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
Multi-System Power Supply for Audio Equipment
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Sanyo Semicon Device
LA5618 SANYO-LA5618 Datasheet
44Kb / 4P
Multi-System Power Supply for Audio Equipment
logo
Texas Instruments
TPS9110 TI1-TPS9110 Datasheet
385Kb / 23P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
International Rectifier
IRAUDPS1 IRF-IRAUDPS1_15 Datasheet
1Mb / 35P
12V System Scalable 250W to1000W Audio Power Supply
logo
Texas Instruments
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com