Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9104 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS9104
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9104 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS9104 Datasheet HTML 17Page - Texas Instruments TPS9104 Datasheet HTML 18Page - Texas Instruments TPS9104 Datasheet HTML 19Page - Texas Instruments TPS9104 Datasheet HTML 20Page - Texas Instruments TPS9104 Datasheet HTML 21Page - Texas Instruments TPS9104 Datasheet HTML 22Page - Texas Instruments TPS9104 Datasheet HTML 23Page - Texas Instruments TPS9104 Datasheet HTML 24Page - Texas Instruments TPS9104 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TPS9104
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY/AUDIO SYSTEM
SLVS133A – AUGUST 1996 – REVISED APRIL 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
1.2
1
0.8
24
6
1.4
1.6
INPUT THRESHOLD VOLTAGE, ON
vs
SUPPLY VOLTAGE
1.8
810
VCC – Supply Voltage – V
–40
°C
25
°C
85
°C
OFF = 0 V
EN = Open
ON_REM = 0 V
Figure 23
VCC – Supply Voltage – V
2.4
1.9
4.4
1.4
2
3
45
67
3.4
2.9
3.9
INPUT THRESHOLD VOLTAGE, EN
vs
SUPPLY VOLTAGE
4.9
89
10
OFF = 0 V
ON = Open
ON_REM = 0 V
Figure 24
2.5
2
1.5
1
23
4
3
3.5
INPUT THRESHOLD VOLTAGE, ON_REM
vs
SUPPLY VOLTAGE
4
56
8
9
7
VCC – Supply Voltage – V
EN = Open
ON = Open
OFF = 0 V
10
Figure 25
60
40
20
80
0.01
0.1
1
10
100
1000
f – Frequency – kHz
RIPPLE REJECTION
vs
FREQUENCY
LDO REGULATORS
VCC = 4 V
TA = 25°C
Cx = 10
µF
IO = 35 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com