Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS2220LFDB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMS2220LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR짰 SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2220LFDB Datasheet(HTML) 3 Page - Diodes Incorporated

  DMS2220LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMS2220LFDB
Document number: DS31546 Rev. 6 - 2
3 of 6
www.diodes.com
March 2009
© Diodes Incorporated
DMS2220LFDB
SBR is a registered trademark of Diodes Incorporated.
Q1, P-CHANNEL MOSFET - Continued
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
34
567
8
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -1.8V
GS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
01
2
3
4
5
6
7
8
-I , DRAIN CURRENT (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
0.6
0.8
1.0
1.2
1.4
1.6
V
= -4.5V
I = -5A
GS
D
V
= -2.5V
I = -2A
GS
D
0.03
0.05
0.07
0.09
0.11
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
I = -5A
GS
D
V
= -2.5V
I = -2A
GS
D
10
100
1,000
10,000
04
8
12
16
20
Fig. 7 Typical Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
C
iss
Coss
Crss
Fig. 8 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
I = -250µA
D
I = -1mA
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com