Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS2220LFDB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS2220LFDB
Description  P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR짰 SUPER BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS2220LFDB Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS2220LFDB Datasheet HTML 1Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 2Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 3Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 4Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 5Page - Diodes Incorporated DMS2220LFDB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMS2220LFDB
Document number: DS31546 Rev. 6 - 2
4 of 6
www.diodes.com
March 2009
© Diodes Incorporated
DMS2220LFDB
SBR is a registered trademark of Diodes Incorporated.
Q1, P-CHANNEL MOSFET - Continued
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 9 Diode Forward Voltage vs. Current
0
2
4
6
8
10
T = 25°C
A
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 146°C/W
θ
θ
JA
JA
P(pk)
t
1
t
2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = 0.9
Fig. 10 Transient Thermal Response
t , PULSE DURATION TIME (s)
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com