Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # TL082
Description  GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL082 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button TL082 Datasheet HTML 3Page - Diodes Incorporated TL082 Datasheet HTML 4Page - Diodes Incorporated TL082 Datasheet HTML 5Page - Diodes Incorporated TL082 Datasheet HTML 6Page - Diodes Incorporated TL082 Datasheet HTML 7Page - Diodes Incorporated TL082 Datasheet HTML 8Page - Diodes Incorporated TL082 Datasheet HTML 9Page - Diodes Incorporated TL082 Datasheet HTML 10Page - Diodes Incorporated TL082 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TL082
GENERAL PURPOSE JFET INPUT OPERATIONAL
AMPLIFIERS
TL082 Rev. 1
8 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Equivalent Input Noise Voltage vs Frequency
0
10
20
30
40
50
10
100
1000
10000
100000
Frequency (Hz)
VCC±=±15V
AVD=10
RS=20Ω
TA=25℃
10
40 100
400
1k
4k 10k
40k 100k
Output Voltage vs Elapsed Time
-4
0
4
8
12
16
20
24
28
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
t-Elapsed Time-
μs
VCC±=±5V
RL=2kΩ
CL=100pF
TA=25℃
See Figure 1
Total Harmonic Distortion
vs Frequency
0.001
0.01
0.1
1
0.1
1
10
100
Frequency(Hz)
100
400
1k
4k
10k
40k 100k
VCC±=±15V
AVD=1
VI(RMS)=6V
TA=25℃
1
1
0.1
0.01
0.001
0.004
0.04
0.4
Voltage-Follower
Large-Singnal Pulse Response
-6
-4
-2
0
2
4
6
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
t-Time-
μs
VCC±=±5V
RL=2kΩ
CL=100pF
TA=25℃
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com