Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TL082
Description  GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL082 Datasheet(HTML) 4 Page - Diodes Incorporated

  TL082 Datasheet HTML 1Page - Diodes Incorporated TL082 Datasheet HTML 2Page - Diodes Incorporated TL082 Datasheet HTML 3Page - Diodes Incorporated TL082 Datasheet HTML 4Page - Diodes Incorporated TL082 Datasheet HTML 5Page - Diodes Incorporated TL082 Datasheet HTML 6Page - Diodes Incorporated TL082 Datasheet HTML 7Page - Diodes Incorporated TL082 Datasheet HTML 8Page - Diodes Incorporated TL082 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TL082
GENERAL PURPOSE JFET INPUT OPERATIONAL
AMPLIFIERS
TL082 Rev. 1
4 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VCC± = ±15V, TA = 25
oC; unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIO
Input Offset Voltage
VO=0,
RS=50Ω
TA=25
oC
3
6
mV
TA= full range
9
α
vIO
Temperature Coefficient
of Input Offset Voltage
VO=0, RS=50Ω, TA= full range
18
μV/
oC
IIO
Input Offset Current
VO=0
TA=25
oC
5
100
pA
TA= full range
10
nA
IIB
Input Bias Current
VO=0
TA=25
oC
30
200
pA
TA= full range
20
nA
VICR
Common Mode
Input Voltage Range
±11
-12~+15
V
VOM
Maximum Peak
Output Voltage Swing
RL=10kΩ, TA=25
oC
±12
±13.5
V
RL≧10kΩ,
TA= full range
±12
RL≧2kΩ
±10
±12
AVD
Large Signal Differential
Voltage Amplification
VO=±10V,
RL≧2kΩ
TA=25
oC
50
200
V/mV
TA= full range
25
B1
Unity Gain Bandwidth
3
MHz
ri
Input Resistance
TA=25
oC
10
12
Ω
CMRR
Common Mode
Rejection Ratio
VIC=VICRmin, VO=0
RS=50Ω, TA=25
oC
75
86
dB
kSVR
Supply Voltage
Rejection Ratio
(
ΔV
CC±/ΔVIO)
VCC=±9 to ±15V
VO=0
RS=50Ω, TA=25
oC
80
86
dB
ICC
Supply Current
(each amplifier)
VO=0, TA=25
oC
No load
1.4
2.8
mA
VO1/VO2 Crosstalk Attenuation
AVD=100, TA=25
oC
120
dB
SR
Slew Rate at Unity Gain
VI=10V, CL=100pF,
RL=2kΩ
(See Figure 1)
TA=25
oC
8
13
V/
μs
TA= full range
5
tr
Rise Time
VI=20mV, RL=2kΩ, CL=100pF
(See Figure 1)
0.05
μs
Overshoot Factor
20
%
Vn
Equivalent Input Noise
Voltage
RS=20Ω
f=1kHz
18
ΗΖ
nV
f=10 Hz to 10kHz
4
μV
In
Equivalent Input Noise
Current
RS=20Ω, f=1kHz
0.01
HZ
pA
THD
Total Harmonic
Distortion
VIrms=6V, AVD=1,
RL≧2kΩ, RS≦1kΩ,
f=1kHz
0.003
%
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 9)
145
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 9)
35
oC/W
Notes:
9. Test condition for SOP-8L: Devices mounted on FR-4 substrate PC board, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com