Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB14C01AI Datasheet(PDF) 8 Page - Texas Instruments

Part # TSB14C01AI
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB14C01AI Datasheet HTML 4Page - Texas Instruments TSB14C01AI Datasheet HTML 5Page - Texas Instruments TSB14C01AI Datasheet HTML 6Page - Texas Instruments TSB14C01AI Datasheet HTML 7Page - Texas Instruments TSB14C01AI Datasheet HTML 8Page - Texas Instruments TSB14C01AI Datasheet HTML 9Page - Texas Instruments TSB14C01AI Datasheet HTML 10Page - Texas Instruments TSB14C01AI Datasheet HTML 11Page - Texas Instruments TSB14C01AI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise
noted)
device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = max,
VCC = min
VCC– 0.8
V
VOL
Low-level output voltage
IOL = min,
VCC = max
0.5
V
Input current
VI = VCC or 0
±1
µA
IOZ
Off-state output current
VI = VCC or 0
±10
µA
thermal characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-free-air thermal resistance
TSB14C01APM,
TSB14C01AIPM
Board mounted, No air flow
78
°C/W
θJA
TSB14C01AMHV
,
74
°C/W
R
θJC
Junction-to-case thermal resistance
TSB14C01APM,
TSB14C01AIPM
16
°C/W
θJC
TSB14C01AMHV
3
°C/W
† Thermal characteristics vary depending on die, leadframe, pad size, and mold compound. These values represent typical die and pad sizes for
the respective package. The R
θJA value decreases as the die pad size increases. Thermal values represent PWB bands with minimal amount
of metal.
switching characteristics, VCC = 5 V, TA = 25°C (See Note 1)
PARAMETER
MEASURED
TEST CONDITION
MIN
TYP
MAX
UNIT
tsu
D, CTL, LREQ low or high before SCLK high
50% to 50%
See Figure 1
7
ns
th
D, CTL, LREQ low or high after SCLK high
50% to 50%
See Figure 1
1
ns
td
Delay time, SCLK high to D, CTL high or low
50% to 50%
See Figure 2
10
ns
NOTE 1: These parameters are ensured by design and are not production tested.
PARAMETER MEASUREMENT INFORMATION
tsu
th
SCLK
D, CTL, LREQ
50%
Figure 1. D, CTL, LREQ Input Setup and Hold Timing Waveforms
td
SCLK
D, CTL
50%
Figure 2. D, CTL Output Delay Relative to SCLK Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com