Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB14C01AI Datasheet(PDF) 27 Page - Texas Instruments

Part # TSB14C01AI
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AI Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSB14C01AI Datasheet HTML 23Page - Texas Instruments TSB14C01AI Datasheet HTML 24Page - Texas Instruments TSB14C01AI Datasheet HTML 25Page - Texas Instruments TSB14C01AI Datasheet HTML 26Page - Texas Instruments TSB14C01AI Datasheet HTML 27Page - Texas Instruments TSB14C01AI Datasheet HTML 28Page - Texas Instruments TSB14C01AI Datasheet HTML 29Page - Texas Instruments TSB14C01AI Datasheet HTML 30Page - Texas Instruments TSB14C01AI Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
urgent arbitration (continued)
In the backplane environment, the natural priority is the concatenation of the 4-bit urgent priority level with the
physical_ID. These results are listed in the following list.
D A node using the urgent priority always wins an arbitration contest over all nodes using the fair priority.
D The node using the highest priority level wins the arbitration contest.
D When more than one node uses the highest priority level, then the one with the highest physical_ID wins.
arbitration by the cycle_master
This arbitration class is used by the cycle_master when it needs to arbitrate for the transmission of a cycle_start
packet. It is similar to the urgent arbitration class, except that the priority field is defined to be all ones. Arbitration
begins once a subaction gap is detected, regardless of the state of the arbitration_enable signal or the
urgent_count.
isochronous arbitration
This arbitration class is used by nodes arbitrating to send isochronous packets. Arbitration begins once an
acknowledge gap is detected, regardless of the state of the arbitration_enable signal or the urgent_count.
Because an acknowledge gap is shorter than an arbitration reset gap and a subaction gap, nodes arbitrating
with this class win the bus before nodes waiting to send fair, urgent, or cycle_master packets. The priority field
is not used in this arbitration class.
immediate arbitration
This arbitration class is used by nodes sending an acknowledge to a received packet. Transmission of the
acknowledge (beginning with a DATA_PREFIX) occurs as soon as an acknowledge gap is detected. This
arbitration class is referred to as immediate because an arbitration sequence is not transmitted to obtain access
to the bus (i.e., the node does not actually arbitrate for the bus).
backplane phy reset
Upon a power_reset event (i.e., power up), registers and control and status registers (CSRs) associated with
the operation of the phy are initialized to their default values. State machines associated with phy operations
are initialized. The BUS_RESET signal is not transmitted on the bus by the phy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com