Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DB Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 50 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 46Page - Texas Instruments PCM1795DB Datasheet HTML 47Page - Texas Instruments PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments PCM1795DB Datasheet HTML 53Page - Texas Instruments PCM1795DB Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Extended Command Field
31
ExtendedCommand
30
29
23
28
24
22
15
7
16
8
0
RSVD
EMD
DCS
R/W
DeviceID
RegisterID
Data
NotUsed
Audio Fields
31
AudioData
12
7
16
8
0
MSB
24Bits
LSB
All0s
4 3
TDMCA Register Requirements
Register Write/Read Operation
BCK
DI
DO
DOEN
(Internal)
1BCKEarly
Read ModeandProperRegisterID
WriteDataRetrieved,ifWriteMode
ReadDataDriven,ifReadMode
RegisterIDPhase
DataPhase
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
The extended command field is the same as the command field, except that it does not have a DID flag.
Figure 68 defines the extended command field.
Figure 68. Extended Command Field
The audio field is 32 bits in length and the audio data are transferred MSB first, so the other fields must be filled
with 0s as shown in Figure 69.
Figure 69. Audio Field Example
The TDMCA mode requires device ID and audio channel information, as previously described. The OPE bit in
register 19 indicates audio channel availability and register 23 indicates the device ID. Register 23 is used only in
the TDMCA mode; see the mode control register map of Table 9.
The command supports register write and read operations. If the command requests to read one register, the
read data are transferred on DO during the data phase of the timing cycle. The DI signal can be retrieved at the
positive edge of BCK, and the DO signal is driven at the negative edge of BCK. DO is activated one BCK cycle
early to compensate for the output delay caused by high impedance. Figure 70 shows the TDMCA write and
read timing.
Figure 70. TDMCA Write and Read Operation Timing
50
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com