Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DB Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DB
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 47Page - Texas Instruments PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments PCM1795DB Datasheet HTML 53Page - Texas Instruments PCM1795DB Datasheet HTML 54Page - Texas Instruments PCM1795DB Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
TDMCA Mode Operation
9Packets ´ 32Bits
LRCK
BCK
DI
Don’tCare
DCI1
DCO1
DID=1
DCI2
DCO2
DID=2
DCI3
DCO3
DID=3
DCI4
DCO4
DID=4
CMD
1/f
S (384BCKClocks)
CMD
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
INDaisyChain
14 BCKDelay
2BCKDelay
DID=1
DID=2
DID=8
Don’tCare
CMD
CMD
Ch2
Ch15
5Packets
32Bits
´
1/f (256BCKClocks)
S
DCI
DCO
DCO
DI
Ch1
Ch16
DCI
DCO
DCI
LRCK
BCK
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
DCO specifies the owner of the next audio channel in TDMCA mode operation. When a device retrieves its own
audio channel data, DCO goes high during the last audio channel period. Figure 71 shows the DCO output
timing in TDMCA mode operation. The host controller ignores the behavior of DCI and DCO. DCO indicates the
last audio channel of each device. Therefore, DCI means the next audio channel is allocated.
If some devices are skipped because of no active audio channel, the skipped devices must notify the next device
that the DCO will be passed through the next DCI. Figure 72 and Figure 73 show DCO timing with skip
operation. Figure 74 and Table 16 show the ac timing of the daisy-chain signals.
Figure 71. DCO Output Timing of TDMCA Mode Operation
Figure 72. DCO Output Timing with Skip Operation
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com