Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRDS1 Datasheet(PDF) 28 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 28 Page - ASM GmbH

Back Button PRDS1 Datasheet HTML 24Page - ASM GmbH PRDS1 Datasheet HTML 25Page - ASM GmbH PRDS1 Datasheet HTML 26Page - ASM GmbH PRDS1 Datasheet HTML 27Page - ASM GmbH PRDS1 Datasheet HTML 28Page - ASM GmbH PRDS1 Datasheet HTML 29Page - ASM GmbH PRDS1 Datasheet HTML 30Page - ASM GmbH PRDS1 Datasheet HTML 31Page - ASM GmbH PRDS1 Datasheet HTML 32Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
RS4
M1A8 / M1R8
8
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
RS422
Incremental
Interface
EIA RS-4
Excitation voltage
5 V DC ±10 %
Excitation current
100 mA max., depending on the load
Pulse frequency
<500 kHz
Output signals
A, A, B, B, Z, Z Push-Pull
Output current
10 mA max.
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
According to EN 6136:004
POSIROT ® –  PRDS
Output RS422
Output signals
Excitation +
Excitation GND
Signal A
Signal A
Signal B
Signal B
Signal Z (ref. pulse)
Signal Z
Signal wiring
Output signals
Connector pin
Cable color
Excitation +
1
white
GND

brown
A
4
green
A
6
yellow
B
3
grey
B
5
pink
Z
7
blue
Z
8
red
View to sensor
connector
Connection
PRELIMINAR
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com