Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRDS1 Datasheet(PDF) 16 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 16 Page - ASM GmbH

Back Button PRDS1 Datasheet HTML 12Page - ASM GmbH PRDS1 Datasheet HTML 13Page - ASM GmbH PRDS1 Datasheet HTML 14Page - ASM GmbH PRDS1 Datasheet HTML 15Page - ASM GmbH PRDS1 Datasheet HTML 16Page - ASM GmbH PRDS1 Datasheet HTML 17Page - ASM GmbH PRDS1 Datasheet HTML 18Page - ASM GmbH PRDS1 Datasheet HTML 19Page - ASM GmbH PRDS1 Datasheet HTML 20Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
PRASXX
16
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
POSIROT ® 
PRAS20 / 21
Magnetic Angle Sensor with Analog Output
Magnetic angle sensor 0 - 360° 
●  Protection class IP60
● Non-contactwithexternalpositionmagnet
● Wearfree
● Compact,lowprofilehousing
● Output: 
Voltage 0.5 ... 4.5 V
● Otheroutputsavailableonrequest
Specifications
Outputs
Voltage: 0.5 ... 4.5 V
Resolution
0.03 % (60 ... 360); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.5 % f.s. (typ.); a misalignment of the position magnet
has an effect on the linearity (see page 30)
Measurement range
0 ... 15° to 0 ... 360°, standard 360°
Signal characteristics
CW, CCW
Rated distance sensor / magnet
Depending on the position magnet, see page 30
Material
Epoxy glass fiber, thermoplastic
Mounting
Screws M3 resp. M4
Connection
Protection class
IP60
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order Code PRAS20 / 21 
 
 
 
 
Model name
PRAS0
PRAS1
Measurement range 15 ... 360° in steps of 15°
15 / 30 / 45 / ... / 345 / 360
Output (see page 6)
U6
= 0.5 ... 4.5 V ratiometric
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
A300
= Single wire ETFE 3 x 0.5 mm, length 300 mm
Orderexample:PRAS20-360-U6-CW-A300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com