Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
Table 6. THS4521EVM Parts List
REFERENCE
MANUFACTURER
ITEM
DESCRIPTION
SMD SIZE
DESIGNATOR
QTY
PART NUMBER
1
Capacitor, 10.0
µF, ceramic, X5R, 6.3 V
0805
C7, C8, C9, C10
4
(AVX) 08056D106KAT2A
2
Capacitor, 0.1
µF, ceramic, X7R, 16 V
0603
C3, C5, C11, C12
4
(AVX) 0603YC104KAT2A
3
Capacitor, 0.22
µF, ceramic, X7R, 10 V
0603
C1, C4, C6
3
(AVX) 0603ZC224KAT2A
4
Open
0603
C2, C13, C14, C15, C16
5
5
Open
0603
R1, R2, R3, R7, R8, R9, R18,
12
R19, R21, R22, R23, R26
6
Resistor, 0
Ω
0603
R24, R25
2
(ROHM) MCR03EZPJ000
7
Resistor, 49.9
Ω, 1/10W, 1%
0603
R6
1
(ROHM) MCR03EZPFX49R9
8
Resistor, 52.3
Ω, 1/10W, 1%
0603
R10, R11, R20
3
(ROHM) MCR03EZPFX52R3
9
Resistor, 487
Ω, 1/10W, 1%
0603
R16, R17
2
(ROHM) MCR03EZPFX4870
10
Resistor, 1k
Ω, 1/10W, 1%
0603
R12, R13, R14, R15
4
(ROHM) MCR03EZPFX1001
11
Resistor, 0
Ω
0805
R4, R5
2
(ROHM) MCR10EZPJ000
12
Open
T1
1
13
Transformer, RF
T2
1
(MINI-CIRCUITS) ADT1-1WT
14
Jack, Banana receptance, 0.25-in dia.
J4, J5, J8
3
(SPC) 813
hole
15
Open
J1, J3, J6, J7, J10, J11
6
16
Connector, edge, SMA PCB jack
J2, J9
2
(JOHNSON) 142-0701-801
17
Header, 0.1 in CTRS, 0.025-in sq. pins
2 POS.
JP1
1
(SULLINS) PBC36SAAN
18
Shunts
JP1
1
(SULLINS) SSC02SYAN
19
Test point, Red
TP1
1
(KEYSTONE) 5000
20
Test point, Black
TP2, TP3
2
(KEYSTONE) 5001
21
IC, THS4521
U1
1
(TI) THS4521D
22
Standoff, 4-40 hex, 0.625 in length
4
(KEYSTONE) 1808
23
Screw, Phillips, 4-40, .250 in
4
SHR-0440-016-SN
24
Board, printed circuit
1
(TI) EDGE# 6494532
34
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com