Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March, 2009) to Revision B ................................................................................................. Page
• Corrected ordering number for THS4522 large tape and reel............................................................................................... 2
Changes from Original (December, 2008) to Revision A ............................................................................................... Page
• Changed device status of THS4524 from product preview to production data ..................................................................... 1
• Changed power-supply voltage range from +3 V (1.5 V) to +2.5 V (1.25 V) ....................................................................... 1
• Revised channel-to-channel crosstalk specifications (3.3 V)................................................................................................. 3
• Changed specified operating voltage (3.3 V) from 3 V (minimum) to 2.5 V (minimum)........................................................ 4
• Revised channel-to-channel crosstalk specifications (5 V).................................................................................................... 5
• Changed specified operating voltage (5 V) from 3 V (minimum) to 2.5 V (minimum)........................................................... 6
• Updated Figure 18 (THS4522, THS4524 Crosstalk) ........................................................................................................... 14
• Updated Figure 44 (THS4522, THS4524 Crosstalk) ........................................................................................................... 19
• Added Typical Performance Variation with Supply Voltage section .................................................................................... 26
• Changed title of Single-Supply Operation section ............................................................................................................... 26
• Added sentence regarding use of Figure 68 to measure crosstalk between channels of THS4522 and THS4524 to
Audio Performance section.................................................................................................................................................. 29
• Corrected device name error in EVM schematic ................................................................................................................. 32
36
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com