Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5952DAP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAP
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5952DAP Datasheet HTML 9Page - Texas Instruments TLC5952DAP Datasheet HTML 10Page - Texas Instruments TLC5952DAP Datasheet HTML 11Page - Texas Instruments TLC5952DAP Datasheet HTML 12Page - Texas Instruments TLC5952DAP Datasheet HTML 13Page - Texas Instruments TLC5952DAP Datasheet HTML 14Page - Texas Instruments TLC5952DAP Datasheet HTML 15Page - Texas Instruments TLC5952DAP Datasheet HTML 16Page - Texas Instruments TLC5952DAP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TYPICAL CHARACTERISTICS
100
10
1
0
20
30
35
OutputCurrent(mA)
25
3200
1920
1371
9600
4800
2400
1600
15
5
10
24000
100
10
1
0
20
30
35
OutputCurrent(mA)
25
1800
1374
1440
15
5
10
24000
18000
7200
2400
3600
6000
5000
4000
3000
2000
1000
0
-
40
-
20
80
100
Free-AirTemperature( C)
°
0
20
40
60
TLC5952DAP
PowerPADSoldered
TLC5952RHB
TLC5952DAP
PowerPADNotSoldered
40
35
30
25
20
15
10
5
0
0
1.0
3.0
OutputVoltage(V)
2.0
0.5
2.5
1.5
T =+25 C,V
=3.3V,BCR/G=7Fh
°
CC
A
I =35mA
O
I =30mA
O
I =20mA
O
I =10mA
O
I =5mA
O
I =2mA
O
40
35
30
25
20
15
10
5
0
0
1.0
3.0
OutputVoltage(V)
2.0
0.5
2.5
1.5
T =+25 C
V
=3.3V
BCB=7Fh
°
A
CC
I =26.2mA
O
I =22.5mA
O
I =15mA
O
I =7.5mA
O
I =1.5mA
O
I =3.75mA
O
40
35
30
25
20
15
10
5
0
0
1.0
3.0
OutputVoltage(V)
2.0
0.5
2.5
1.5
I =35mA
O
I =30mA
O
I =20mA
O
I =10mA
O
I =2mA
O
I =5mA
O
T =+25 C,V
=5V,BCR/G=7Fh
°
CC
A
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
At TA = +25°C and VCC = 3.3 V, unless otherwise noted.
REFERENCE RESISTOR vs OUTPUT CURRENT
REFERENCE RESISTOR vs OUTPUT CURRENT
(RED and GREEN Color Group)
(BLUE Color Group)
Figure 10.
Figure 11.
OUTPUT CURRENT vs OUTPUT VOLTAGE
POWER DISSIPATION RATE
(RED and GREEN Color Group)
Figure 12.
Figure 13.
OUTPUT CURRENT vs OUTPUT VOLTAGE
OUTPUT CURRENT vs OUTPUT VOLTAGE
(BLUE Color Group)
(RED and GREEN Color Group)
Figure 14.
Figure 15.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com